Part Number Hot Search : 
0505X SM5841HS AQW280SZ ZSLS7025 147X0 SS7519 78L00 AP4435G
Product Description
Full Text Search
 

To Download SB2030FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET SB2020FCT~SB20100FCT
ISOLATION SCHOTTKY BARRIER RECTIFIERS VOLTAGE- 20 to 100 Volts CURRENT - 20.0 Ampere
.112(2.85) .100(2.55)
ITO-220AB
.272(6.9) .248(6.3)
.406(10.3) MAX .134(3.4) .118(3.0)
Unit: inch ( mm )
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O. Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228 * Low power loss, high efficiency. * Low forwrd voltge, high current capability * High surge capacity. * For use in low voltage,high frequency inverters
.189(4.8)MAX .130(3.3)MAX
.606(15.4) .583(14.8)
.055(1.4) MAX
.161(4.1) MAX
.543(13.8) .512(13.0)
free wheeling , and polarlity protection applications.
.071(1.8) MAX
.114(2.9) .098(2.5) .032(.8) MAX
MECHANICAL DATA
Case: ITO-220AB Molded plastic Terminals: Solder plated, solderable per MIL-STD-202, Method 208 Polarity: As marked. Standard packaging: Any Weight: 0.08 ounces, 2.24grams.
.035(.9) MAX
.1 (2.55)
.1 (2.55) AC Positive CT AC
+
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
SB2020FCT SB2030FCT SB2040FCT SB2050FCT SB2060FCT SB2080FCT SB20100FCT
UNIT V V V A A
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Tc=90C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 10.0A per element Maximum DC Reverse Current (Note 1) Ta=25C at Rated DC Blocking Voltage Ta=100C Typical Thermal Resistance Note RJA Operating and Storage Temperature Range TJ
20.0 14.0 20.0
30.0 21.0 30.0
40.0 28.0 40.0
50.0 35.0 50.0 20 150
60.0 42.0 60.0
80.0 56.0 80.0
100.0 70.0 100.0
0.55
0.75 0.5 100 100 -50 to +125
0.85
V
mA C/W C
NOTES: 1. Thermal Resistance Junction to Ambient .
DATE : OCT.15.2002
PAGE . 1
RATING AND CHARACTERISTIC CURVES
INSTANTANEOUS FORWARD CURRENT
25.0
40
(20 ~ 40)
(50 ~ 60) (80 ~ 100)
AVERAGE FORWARD CURRENT
20.0 15.0 10.0 5.0 0 150
10 8 6 4 2 1.0 .8 .6 .4 .2 .1
0
50
O
100
.4
.5
.6
.7
.8
.9
1.0
1.1
CASE TEMPERATURE, C
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
INSTANTANEOUS REVERSE CURRENT, MILAMPERES
10
TC = 100OC
200
1.0
TC = 75 C
O
PEAK FORWARD SURGE CURRENT,
180 160 140 120 100 80 60 40 20
0.1
TC = 25 C
O
0.01
0.001
0
0
100
200
300
1
2
5
10
20
50
100
NO. OF CYCLE AT 60HZ
Fig.3- TYPICAL REVERSE CHARACTERISTIC
400 350
Fig.4- MAXIMUM NON-REPETITIVE SURGE CURRENT
CAPACITANCE, pF
300 250 200 150 0 1 2 5 10 20 50 100 200 500
REVERSE VOLTAGE, VOLTS
Fig.5- TYPICAL JUNCTION CAPACITANCE
DATE : OCT.15.2002
PAGE . 2


▲Up To Search▲   

 
Price & Availability of SB2030FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X